Part Number Hot Search : 
MOC21 7S11BMT 2SD188 HD74LV08 F1A1G 2SK24607 AUY14A2 NCE0157D
Product Description
Full Text Search
 

To Download MRF1535FNT1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Freescale Semiconductor Technical Data
Document Number: MRF1535N Rev. 11, 2/2008
RF Power Field Effect Transistors
N - Channel Enhancement - Mode Lateral MOSFETs
Designed for broadband commercial and industrial applications with frequencies to 520 MHz. The high gain and broadband performance of these devices make them ideal for large - signal, common source amplifier applications in 12.5 volt mobile FM equipment. * Specified Performance @ 520 MHz, 12.5 Volts Output Power -- 35 Watts Power Gain -- 10.0 dB Efficiency -- 50% * Capable of Handling 20:1 VSWR, @ 15.6 Vdc, 520 MHz, 2 dB Overdrive Features * Excellent Thermal Stability * Characterized with Series Equivalent Large - Signal Impedance Parameters * Broadband - Full Power Across the Band: 135 - 175 MHz 400 - 470 MHz 450 - 520 MHz * 200_C Capable Plastic Package * N Suffix Indicates Lead - Free Terminations. RoHS Compliant. * In Tape and Reel. T1 Suffix = 500 Units per 44 mm, 13 inch Reel.
MRF1535NT1 MRF1535FNT1
520 MHz, 35 W, 12.5 V LATERAL N - CHANNEL BROADBAND RF POWER MOSFETs
CASE 1264 - 10, STYLE 1 TO - 272 - 6 WRAP PLASTIC MRF1535NT1
CASE 1264A - 03, STYLE 1 TO - 272 - 6 PLASTIC MRF1535FNT1
Table 1. Maximum Ratings
Rating Drain - Source Voltage Gate - Source Voltage Drain Current -- Continuous Total Device Dissipation @ TC = 25C Derate above 25C Storage Temperature Range Operating Junction Temperature
(1)
Symbol VDSS VGS ID PD Tstg TJ
Value - 0.5, +40 20 6 135 0.50 - 65 to +150 200
Unit Vdc Vdc Adc W W/C C C
Table 2. Thermal Characteristics
Characteristic Thermal Resistance, Junction to Case Symbol RJC Value(2) 0.90 Unit C/W
Table 3. Moisture Sensitivity Level
Test Methodology Per JESD 22 - A113, IPC/JEDEC J - STD - 020 1. Calculated based on the formula PD = TJ - TC Rating 1 Package Peak Temperature 260 Unit C
RJC 2. MTTF calculator available at http://www.freescale.com/rf. Select Software & Tools/Development Tools/Calculators to access MTTF calculators by product.
NOTE - CAUTION - MOS devices are susceptible to damage from electrostatic charge. Reasonable precautions in handling and packaging MOS devices should be observed.
(c) Freescale Semiconductor, Inc., 2008. All rights reserved.
MRF1535NT1 MRF1535FNT1 1
RF Device Data Freescale Semiconductor
Table 4. Electrical Characteristics (TC = 25C unless otherwise noted)
Characteristic Off Characteristics Drain - Source Breakdown Voltage (VGS = 0 Vdc, ID = 100 Adc) Zero Gate Voltage Drain Current (VDS = 60 Vdc, VGS = 0 Vdc) Gate - Source Leakage Current (VGS = 10 Vdc, VDS = 0 Vdc) On Characteristics Gate Threshold Voltage (VDS = 12.5 Vdc, ID = 400 A) Drain - Source On - Voltage (VGS = 5 Vdc, ID = 0.6 A) Drain - Source On - Voltage (VGS = 10 Vdc, ID = 2.0 Adc) Dynamic Characteristics Input Capacitance (Includes Input Matching Capacitance) (VDS = 12.5 Vdc, VGS = 0 V, f = 1 MHz) Output Capacitance (VDS = 12.5 Vdc, VGS = 0 V, f = 1 MHz) Reverse Transfer Capacitance (VDS = 12.5 Vdc, VGS = 0 V, f = 1 MHz) RF Characteristics (In Freescale Test Fixture) Common - Source Amplifier Power Gain (VDD = 12.5 Vdc, Pout = 35 Watts, IDQ = 500 mA) Drain Efficiency (VDD = 12.5 Vdc, Pout = 35 Watts, IDQ = 500 mA) f = 520 MHz f = 520 MHz Gps -- -- 13.5 55 -- -- dB % Ciss Coss Crss -- -- -- -- -- -- 250 150 20 pF pF pF VGS(th) RDS(on) VDS(on) 1 -- -- -- -- -- 2.6 0.7 1 Vdc Vdc V(BR)DSS IDSS IGSS 60 -- -- -- -- -- -- 1 0.3 Vdc Adc Adc Symbol Min Typ Max Unit
MRF1535NT1 MRF1535FNT1 2 RF Device Data Freescale Semiconductor
VGG + C11 C10 R4 R3 C23 L5 C9 R2 RF INPUT N1 C1 R1 Z1 L1 Z2 Z3 L2 Z4 Z5 DUT Z6 Z7 Z8 B1 C22 + C21
VDD
Z9
L3
L4
Z10
RF OUTPUT N2 C20 C19
C2
C3
C4
C5
C6
C7
C8
C12
C13
C14
C15
C16
C17
C18
B1 C1, C9, C20, C23 C2, C5 C3, C15 C4, C6, C19 C7 C8 C10, C21 C11, C22 C12, C13 C14 C16 C17 C18 L1 L2 L3
Ferroxcube #VK200 330 pF, 100 mil Chip Capacitors 0 to 20 pF Trimmer Capacitors 33 pF, 100 mil Chip Capacitors 18 pF, 100 mil Chip Capacitors 160 pF, 100 mil Chip Capacitor 240 pF, 100 mil Chip Capacitor 10 F, 50 V Electrolytic Capacitors 470 pF, 100 mil Chip Capacitors 150 pF, 100 mil Chip Capacitors 110 pF, 100 mil Chip Capacitor 68 pF, 100 mil Chip Capacitor 120 pF, 100 mil Chip Capacitor 51 pF, 100 mil Chip Capacitor 17.5 nH, Coilcraft #A05T 5 nH, Coilcraft #A02T 1 Turn, #26 AWG, 0.250 ID
L4 L5 N1, N2 R1 R2 R3 R4 Z1 Z2 Z3 Z4 Z5, Z6 Z7 Z8 Z9 Z10 Board
1 Turn, #26 AWG, 0.240 ID 4 Turn, #24 AWG, 0.180 ID Type N Flange Mounts 6.5 , 1/4 W Chip Resistor 39 Chip Resistor (0805) 1.2 k, 1/8 W Chip Resistor 33 k, 1/4 W Chip Resistor 0.970 x 0.080 Microstrip 0.380 x 0.080 Microstrip 0.190 x 0.080 Microstrip 0.160 x 0.080 Microstrip 0.110 x 0.200 Microstrip 0.490 x 0.080 Microstrip 0.250 x 0.080 Microstrip 0.320 x 0.080 Microstrip 0.240 x 0.080 Microstrip Glass Teflon(R), 31 mils
Figure 1. 135 - 175 MHz Broadband Test Circuit
TYPICAL CHARACTERISTICS, 135 - 175 MHz
60 Pout , OUTPUT POWER (WATTS) IRL, INPUT RETURN LOSS (dB) 50 40 30 20 10 VDD = 12.5 Vdc 0 0 1 2 3 4 Pin, INPUT POWER (WATTS) -20 10 20 30 40 50 60 Pout, OUTPUT POWER (WATTS) 155 MHz 135 MHz 175 MHz 0
-5
-10
155 MHz 135 MHz 175 MHz
-15 VDD = 12.5 Vdc
Figure 2. Output Power versus Input Power
Figure 3. Input Return Loss versus Output Power
MRF1535NT1 MRF1535FNT1 RF Device Data Freescale Semiconductor 3
TYPICAL CHARACTERISTICS, 135 - 175 MHz
19 VDD = 12.5 Vdc 18 17 GAIN (dB) 16 15 14 13 12 11 10 20 30 175 MHz 40 155 MHz 135 MHz 50 60 h, DRAIN EFFICIENCY (%) 70 80 155 MHz
60 175 MHz 50 135 MHz
40 VDD = 12.5 Vdc 30 10 20 30 40 50 60 70 80 Pout, OUTPUT POWER (WATTS)
Pout, OUTPUT POWER (WATTS)
Figure 4. Gain versus Output Power
Figure 5. Drain Efficiency versus Output Power
50 Pout , OUTPUT POWER (WATTS)
80
45
h, DRAIN EFFICIENCY (%)
155 MHz 175 MHz 135 MHz
70
155 MHz 175 MHz
40
60 135 MHz
35 VDD = 12.5 Vdc Pin = 30 dBm 30 200 400 600 800 1000 1200 IDQ, BIASING CURRENT (mA)
50 VDD = 12.5 Vdc Pin = 30 dBm 40 200 400 600 800 1000 1200 IDQ, BIASING CURRENT (mA)
Figure 6. Output Power versus Biasing Current
Figure 7. Drain Efficiency versus Biasing Current
70 Pout , OUTPUT POWER (WATTS) 60 h, DRAIN EFFICIENCY (%) 50 40 30 20 10 10 11 12 13 IDQ = 250 mA Pin = 30 dBm 14 15 175 MHz 155 MHz 135 MHz
80
70
135 MHz 175 MHz
60
155 MHz
50 IDQ = 250 mA Pin = 30 dBm 40 10 11 12 13 14 15 VDD, SUPPLY VOLTAGE (VOLTS)
VDD, SUPPLY VOLTAGE (VOLTS)
Figure 8. Output Power versus Supply Voltage
Figure 9. Drain Efficiency versus Supply Voltage
MRF1535NT1 MRF1535FNT1 4 RF Device Data Freescale Semiconductor
VGG C14 C13 C12 + C11 R3 R2 R1 RF INPUT N1 C1 Z1 Z2 Z3 Z4 C10 DUT Z5 Z6 Z7 Z8 C25
B1 VDD L1 C24 C23 + C22
Z9
C19
Z10
N2
RF OUTPUT
C2
C3
C4
C5
C6
C7
C8
C9
C15
C16
C17
C18
C20
C21
B1 C1 C2 C3 C4 C5 C6, C7 C8, C15, C16 C9 C10, C14, C25 C11, C22 C12, C24 C13, C23 C17, C18 C19 C20
Ferroxcube VK200 160 pF, 100 mil Chip Capacitor 3 pF, 100 mil Chip Capacitor 3.6 pF, 100 mil Chip Capacitor 2.2 pF, 100 mil Chip Capacitor 10 pF, 100 mil Chip Capacitor 16 pF, 100 mil Chip Capacitors 27 pF, 100 mil Chip Capacitors 43 pF, 100 mil Chip Capacitor 160 pF, 100 mil Chip Capacitors 10 F, 50 V Electrolytic Capacitors 1,200 pF, 100 mil Chip Capacitors 0.1 F, 100 mil Chip Capacitors 24 pF, 100 mil Chip Capacitors 160 pF, 100 mil Chip Capacitor 8.2 pF, 100 mil Chip Capacitor
C21 L1 N1, N2 R1 R2 R3 Z1 Z2 Z3 Z4 Z5, Z8 Z6, Z7 Z9 Z10 Board
1.8 pF, 100 mil Chip Capacitor 47.5 nH, 5 Turn, Coilcraft Type N Flange Mounts 500 Chip Resistor (0805) 1 k Chip Resistor (0805) 33 k, 1/8 W Chip Resistor 0.480 x 0.080 Microstrip 1.070 x 0.080 Microstrip 0.290 x 0.080 Microstrip 0.160 x 0.080 Microstrip 0.120 x 0.080 Microstrip 0.120 x 0.223 Microstrip 1.380 x 0.080 Microstrip 0.625 x 0.080 Microstrip Glass Teflon(R), 31 mils
Figure 10. 450 - 520 MHz Broadband Test Circuit
TYPICAL CHARACTERISTICS, 450 - 520 MHz
60 450 MHz Pout , OUTPUT POWER (WATTS) 500 MHz 470 MHz 520 MHz IRL, INPUT RETURN LOSS (dB) 50 40 30 20 10 VDD = 12.5 Vdc 0 0 1 2 3 4 5 6 Pin, INPUT POWER (WATTS) -15 0 10 20 30 40 50 60 Pout, OUTPUT POWER (WATTS) VDD = 12.5 Vdc -5 450 MHz -10 0
470 MHz 520 MHz 500 MHz
Figure 11. Output Power versus Input Power
Figure 12. Input Return Loss versus Output Power
MRF1535NT1 MRF1535FNT1 RF Device Data Freescale Semiconductor 5
TYPICAL CHARACTERISTICS, 450 - 520 MHz
15 470 MHz 14 h, DRAIN EFFICIENCY (%) 13 GAIN (dB) 12 11 10 520 MHz 9 0 10 20 30 40 50 60 Pout, OUTPUT POWER (WATTS) 500 MHz 20 0 10 20 30 40 50 60 Pout, OUTPUT POWER (WATTS) VDD = 12.5 Vdc 60 470 MHz 50 70 520 MHz 500 MHz 450 MHz
450 MHz
40
30 VDD = 12.5 Vdc
Figure 13. Gain versus Output Power
Figure 14. Drain Efficiency versus Output Power
50 Pout , OUTPUT POWER (WATTS) 450 MHz 45 h, DRAIN EFFICIENCY (%) 470 MHz 500 MHz 40 520 MHz 35 VDD = 12.5 Vdc Pin = 34 dBm 30 200 400 600 800 1000 1200 IDQ, BIASING CURRENT (mA)
80
70 520 MHz 60 450 MHz 50 VDD = 12.5 Vdc Pin = 34 dBm 40 200 400 600 800 1000 1200 IDQ, BIASING CURRENT (mA) 470 MHz 500 MHz
Figure 15. Output Power versus Biasing Current
Figure 16. Drain Efficiency versus Biasing Current
70 Pout , OUTPUT POWER (WATTS) 60 h, DRAIN EFFICIENCY (%)
80
70 520 MHz 60 450 MHz 470 MHz 50 500 MHz IDQ = 250 mA Pin = 34 dBm 40
50 40 30 20 10 10 11 12 13 14 15 VDD, SUPPLY VOLTAGE (VOLTS) 450 MHz 470 MHz 520 MHz 500 MHz IDQ = 250 mA Pin = 34 dBm
10
11
12
13
14
15
VDD, SUPPLY VOLTAGE (VOLTS)
Figure 17. Output Power versus Supply Voltage
Figure 18. Drain Efficiency versus Supply Voltage
MRF1535NT1 MRF1535FNT1 6 RF Device Data Freescale Semiconductor
TYPICAL CHARACTERISTICS
1010 MTTF FACTOR (HOURS X AMPS2)
109
108
107 90 100 110 120 130 140 150 160 170 180 190 200 210 TJ, JUNCTION TEMPERATURE (C) This above graph displays calculated MTTF in hours x ampere2 drain current. Life tests at elevated temperatures have correlated to better than 10% of the theoretical prediction for metal failure. Divide MTTF factor by ID2 for MTTF in a particular application.
Figure 19. MTTF Factor versus Junction Temperature
MRF1535NT1 MRF1535FNT1 RF Device Data Freescale Semiconductor 7
Zo = 10
Zin ZOL* f = 175 MHz f = 135 MHz f = 520 MHz f = 450 MHz f = 450 MHz Zin f = 520 MHz f = 175 MHz f = 135 MHz
ZOL*
VDD = 12.5 V, IDQ = 250 mA, Pout = 35 W f MHz 135 155 175 Zin 5.0 + j0.9 5.0 + j0.9 3.0 + j1.0 ZOL* 1.7 + j0.2 1.7 + j0.2 1.3 + j0.1
VDD = 12.5 V, IDQ = 500 mA, Pout = 35 W f MHz 450 470 500 520 Zin 0.8 - j1.4 0.9 - j1.4 1.0 - j1.4 0.9 - j1.4 ZOL* 1.0 - j0.8 1.1 - j0.6 1.1 - j0.6 1.1 - j0.5
Zin
= Complex conjugate of source impedance.
Zin
= Complex conjugate of source impedance.
ZOL* = Complex conjugate of the load impedance at given output power, voltage, frequency, and D > 50 %.
ZOL* = Complex conjugate of the load impedance at given output power, voltage, frequency, and D > 50 %.
Note: ZOL* was chosen based on tradeoffs between gain, drain efficiency, and device stability.
Input Matching Network
Device Under Test
Output Matching Network
Z
in
Z
* OL
Figure 20. Series Equivalent Input and Output Impedance
MRF1535NT1 MRF1535FNT1 8 RF Device Data Freescale Semiconductor
Table 5. Common Source Scattering Parameters (VDD = 12.5 Vdc) IDQ = 250 mA
f MHz 50 100 150 200 250 300 350 400 450 500 550 600 S11 |S11| 0.89 0.90 0.91 0.92 0.94 0.95 0.96 0.96 0.97 0.97 0.98 0.98 - 173 - 175 - 175 - 175 - 176 - 176 - 176 - 176 - 176 - 176 - 176 - 177 |S21| 8.496 3.936 2.429 1.627 1.186 0.888 0.686 0.568 0.457 0.394 0.332 0.286 S21 83 72 63 57 53 49 48 44 44 44 42 41 |S12| 0.014 0.014 0.011 0.010 0.007 0.005 0.005 0.005 0.004 0.003 0.001 0.013 S12 - 26 - 14 - 23 - 44 - 16 - 44 36 -1 49 - 51 31 99 |S22| 0.76 0.79 0.82 0.86 0.88 0.91 0.92 0.94 0.94 0.95 0.95 0.94 S22 - 170 - 170 - 170 - 170 - 170 - 171 - 170 - 171 - 172 - 171 - 173 - 173
IDQ = 1.0 A
f MHz 50 100 150 200 250 300 350 400 450 500 550 600 S11 |S11| 0.90 0.90 0.91 0.92 0.94 0.95 0.96 0.96 0.97 0.97 0.98 0.98 - 173 - 175 - 175 - 175 - 176 - 176 - 176 - 176 - 176 - 176 - 176 - 177 |S21| 8.49 3.92 2.44 1.62 1.19 0.89 0.69 0.57 0.46 0.39 0.33 0.28 S21 83 72 63 57 53 48 48 44 44 44 41 41 |S12| 0.006 0.009 0.006 0.008 0.006 0.008 0.007 0.004 0.004 0.003 0.006 0.009 S12 - 39 -5 7 21 8 3 48 41 43 57 62 96 |S22| 0.86 0.86 0.87 0.88 0.89 0.89 0.91 0.93 0.93 0.94 0.94 0.93 S22 - 176 - 176 - 176 - 175 - 174 - 174 - 174 - 173 - 173 - 173 - 174 - 173
IDQ = 2.0 A
f MHz 50 100 150 200 250 300 350 400 450 500 550 600 S11 |S11| 0.94 0.94 0.94 0.94 0.95 0.95 0.95 0.96 0.96 0.96 0.97 0.97 - 176 - 178 - 178 - 178 - 178 - 178 - 178 - 178 - 178 - 177 - 177 - 178 |S21| 9.42 4.56 2.99 2.14 1.67 1.32 1.08 0.93 0.78 0.68 0.59 0.51 S21 88 82 78 74 71 67 67 63 62 61 58 57 |S12| 0.005 0.005 0.003 0.005 0.004 0.007 0.005 0.003 0.007 0.004 0.008 0.009 S12 - 72 4 7 17 40 35 57 50 68 99 78 92 |S22| 0.89 0.89 0.89 0.90 0.90 0.91 0.92 0.93 0.93 0.94 0.93 0.92 S22 - 177 - 177 - 177 - 176 - 175 - 175 - 174 - 173 - 173 - 173 - 175 - 174
MRF1535NT1 MRF1535FNT1 RF Device Data Freescale Semiconductor 9
APPLICATIONS INFORMATION
DESIGN CONSIDERATIONS This device is a common - source, RF power, N - Channel enhancement mode, Lateral Metal - Oxide Semiconductor Field - Effect Transistor (MOSFET). Freescale Application Note AN211A, "FETs in Theory and Practice", is suggested reading for those not familiar with the construction and characteristics of FETs. This surface mount packaged device was designed primarily for VHF and UHF mobile power amplifier applications. Manufacturability is improved by utilizing the tape and reel capability for fully automated pick and placement of parts. However, care should be taken in the design process to insure proper heat sinking of the device. The major advantages of Lateral RF power MOSFETs include high gain, simple bias systems, relative immunity from thermal runaway, and the ability to withstand severely mismatched loads without suffering damage. MOSFET CAPACITANCES The physical structure of a MOSFET results in capacitors between all three terminals. The metal oxide gate structure determines the capacitors from gate - to - drain (Cgd), and gate - to - source (Cgs). The PN junction formed during fabrication of the RF MOSFET results in a junction capacitance from drain - to - source (Cds). These capacitances are characterized as input (Ciss), output (Coss) and reverse transfer (Crss) capacitances on data sheets. The relationships between the inter - terminal capacitances and those given on data sheets are shown below. The Ciss can be specified in two ways: 1. Drain shorted to source and positive voltage at the gate. 2. Positive voltage of the drain in respect to source and zero volts at the gate. In the latter case, the numbers are lower. However, neither method represents the actual operating conditions in RF applications. drain - source voltage under these conditions is termed VDS(on). For MOSFETs, VDS(on) has a positive temperature coefficient at high temperatures because it contributes to the power dissipation within the device. BVDSS values for this device are higher than normally required for typical applications. Measurement of BVDSS is not recommended and may result in possible damage to the device. GATE CHARACTERISTICS The gate of the RF MOSFET is a polysilicon material, and is electrically isolated from the source by a layer of oxide. The DC input resistance is very high - on the order of 109 -- resulting in a leakage current of a few nanoamperes. Gate control is achieved by applying a positive voltage to the gate greater than the gate - to - source threshold voltage, VGS(th). Gate Voltage Rating -- Never exceed the gate voltage rating. Exceeding the rated VGS can result in permanent damage to the oxide layer in the gate region. Gate Termination -- The gates of these devices are essentially capacitors. Circuits that leave the gate open - circuited or floating should be avoided. These conditions can result in turn - on of the devices due to voltage build - up on the input capacitor due to leakage currents or pickup. Gate Protection -- These devices do not have an internal monolithic zener diode from gate - to - source. If gate protection is required, an external zener diode is recommended. Using a resistor to keep the gate - to - source impedance low also helps dampen transients and serves another important function. Voltage transients on the drain can be coupled to the gate through the parasitic gate - drain capacitance. If the gate - to - source impedance and the rate of voltage change on the drain are both high, then the signal coupled to the gate may be large enough to exceed the gate - threshold voltage and turn the device on. DC BIAS Since this device is an enhancement mode FET, drain current flows only when the gate is at a higher potential than the source. RF power FETs operate optimally with a quiescent drain current (IDQ), whose value is application dependent. This device was characterized at IDQ = 500 mA, which is the suggested value of bias current for typical applications. For special applications such as linear amplification, IDQ may have to be selected to optimize the critical parameters. The gate is a dc open circuit and draws no current. Therefore, the gate bias circuit may generally be just a simple resistive divider network. Some special applications may require a more elaborate bias system. GAIN CONTROL Power output of this device may be controlled to some degree with a low power dc control signal applied to the gate, thus facilitating applications such as manual gain control, ALC/AGC and modulation systems. This characteristic is very dependent on frequency and load line.
Drain Cgd Gate Cds Cgs Source Ciss = Cgd + Cgs Coss = Cgd + Cds Crss = Cgd
DRAIN CHARACTERISTICS One critical figure of merit for a FET is its static resistance in the full - on condition. This on - resistance, RDS(on), occurs in the linear region of the output characteristic and is specified at a specific gate - source voltage and drain current. The
MRF1535NT1 MRF1535FNT1 10 RF Device Data Freescale Semiconductor
AMPLIFIER DESIGN Impedance matching networks similar to those used with bipolar transistors are suitable for this device. For examples see Freescale Application Note AN721, "Impedance Matching Networks Applied to RF Power Transistors." Large - signal impedances are provided, and will yield a good first pass approximation. Since RF power MOSFETs are triode devices, they are not unilateral. This coupled with the very high gain of this device yields a device capable of self oscillation. Stability may be achieved by techniques such as drain loading, input shunt
resistive loading, or output to input feedback. The RF test fixture implements a parallel resistor and capacitor in series with the gate, and has a load line selected for a higher efficiency, lower gain, and more stable operating region. Two - port stability analysis with this device's S - parameters provides a useful tool for selection of loading or feedback circuitry to assure stable operation. See Freescale Application Note AN215A, "RF Small - Signal Design Using Two - Port Parameters" for a discussion of two port network theory and stability.
MRF1535NT1 MRF1535FNT1 RF Device Data Freescale Semiconductor 11
PACKAGE DIMENSIONS
MRF1535NT1 MRF1535FNT1 12 RF Device Data Freescale Semiconductor
MRF1535NT1 MRF1535FNT1 RF Device Data Freescale Semiconductor 13
MRF1535NT1 MRF1535FNT1 14 RF Device Data Freescale Semiconductor
MRF1535NT1 MRF1535FNT1 RF Device Data Freescale Semiconductor 15
MRF1535NT1 MRF1535FNT1 16 RF Device Data Freescale Semiconductor
MRF1535NT1 MRF1535FNT1 RF Device Data Freescale Semiconductor 17
PRODUCT DOCUMENTATION
Refer to the following documents to aid your design process. Application Notes * AN211A: Field Effect Transistors in Theory and Practice * AN215A: RF Small - Signal Design Using Two - Port Parameters * AN721: Impedance Matching Networks Applied to RF Power Transistors * AN1907: Solder Reflow Attach Method for High Power RF Devices in Plastic Packages * AN3263: Bolt Down Mounting Method for High Power RF Transistors and RFICs in Over - Molded Plastic Packages Engineering Bulletins * EB212: Using Data Sheet Impedances for RF LDMOS Devices
REVISION HISTORY
The following table summarizes revisions to this document.
Revision 11 Date Feb. 2008 Description * Changed DC Bias IDQ value from 150 to 500 to match Functional Test IDQ specification, p. 10 * Replaced Case Outline 1264 - 09 with 1264 - 10, Issue L, p. 1, 12 - 14. Removed Drain - ID label from top view and View Y - Y. Corrected cross hatch pattern and its dimensions (D2 and E2) on source contact. Renamed E2 with E3. Added Pin 7 designation. Corrected positional tolerance for bolt hole radius. Added JEDEC Standard Package Number. * Replaced Case Outline 1264A - 02 with 1264A - 03, Issue D, p. 1, 15 - 17. Removed Drain - ID label from View Y - Y. Corrected cross hatch pattern and its dimensions (D2 and E2) on source contact (Changed D2 and E2 dimensions from basic to .604 Min and .162 Min, respectively). Added dimension E3. Added Pin 7 designation. Corrected positional tolerance for bolt hole radius. Added JEDEC Standard Package Number. * Added Product Documentation and Revision History, p. 18
MRF1535NT1 MRF1535FNT1 18 RF Device Data Freescale Semiconductor
How to Reach Us:
Home Page: www.freescale.com Web Support: http://www.freescale.com/support USA/Europe or Locations Not Listed: Freescale Semiconductor, Inc. Technical Information Center, EL516 2100 East Elliot Road Tempe, Arizona 85284 +1 - 800 - 521 - 6274 or +1 - 480 - 768 - 2130 www.freescale.com/support Europe, Middle East, and Africa: Freescale Halbleiter Deutschland GmbH Technical Information Center Schatzbogen 7 81829 Muenchen, Germany +44 1296 380 456 (English) +46 8 52200080 (English) +49 89 92103 559 (German) +33 1 69 35 48 48 (French) www.freescale.com/support Japan: Freescale Semiconductor Japan Ltd. Headquarters ARCO Tower 15F 1 - 8 - 1, Shimo - Meguro, Meguro - ku, Tokyo 153 - 0064 Japan 0120 191014 or +81 3 5437 9125 support.japan@freescale.com Asia/Pacific: Freescale Semiconductor Hong Kong Ltd. Technical Information Center 2 Dai King Street Tai Po Industrial Estate Tai Po, N.T., Hong Kong +800 2666 8080 support.asia@freescale.com For Literature Requests Only: Freescale Semiconductor Literature Distribution Center P.O. Box 5405 Denver, Colorado 80217 1 - 800 - 441 - 2447 or 303 - 675 - 2140 Fax: 303 - 675 - 2150 LDCForFreescaleSemiconductor@hibbertgroup.com
Information in this document is provided solely to enable system and software implementers to use Freescale Semiconductor products. There are no express or implied copyright licenses granted hereunder to design or fabricate any integrated circuits or integrated circuits based on the information in this document. Freescale Semiconductor reserves the right to make changes without further notice to any products herein. Freescale Semiconductor makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Freescale Semiconductor assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters that may be provided in Freescale Semiconductor data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals", must be validated for each customer application by customer's technical experts. Freescale Semiconductor does not convey any license under its patent rights nor the rights of others. Freescale Semiconductor products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Freescale Semiconductor product could create a situation where personal injury or death may occur. Should Buyer purchase or use Freescale Semiconductor products for any such unintended or unauthorized application, Buyer shall indemnify and hold Freescale Semiconductor and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Freescale Semiconductor was negligent regarding the design or manufacture of the part. Freescalet and the Freescale logo are trademarks of Freescale Semiconductor, Inc. All other product or service names are the property of their respective owners. (c) Freescale Semiconductor, Inc. 2008. All rights reserved.
RoHS-compliant and/or Pb-free versions of Freescale products have the functionality and electrical characteristics of their non-RoHS-compliant and/or non-Pb-free counterparts. For further information, see http://www.freescale.com or contact your Freescale sales representative. For information on Freescale's Environmental Products program, go to http://www.freescale.com/epp.
MRF1535NT1 MRF1535FNT1
Document Number: RF Device Data MRF1535N Rev. 11, 2/2008 Freescale Semiconductor
19


▲Up To Search▲   

 
Price & Availability of MRF1535FNT1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X